PART |
Description |
Maker |
CM20MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
CM30MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 30 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
5500.2031 5500.2032 5500.2033 5500.2072 5500.2074 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 16A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
DWF100A40 DWF100A30 DWR100A40 DWR100A30 |
Right Angle Jumper; Connector Type A:AMC Plug; Connector Type B:AMC Plug; Cable Length:150mm; Body Plating:Silver; Color:Black; Insulator Material:PBT; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 二极管模 RF Coaxial Connector Adapter; Convert From:QMA Jack; Convert To:SMA Jack; Body Material:Brass; Body Plating:White Bronze; Contact Material:Beryllium Copper; Contact Plating:Gold; Frequency:6GHz; Impedance:50ohm RoHS Compliant: Yes NON MAGNETIC MCX R/A(M) RG-178 DIODE MODULE
|
Sanrex, Corp. SANREX[SanRex Corporation]
|
PM300DSA120 |
Intellimod⑩ Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts) Intellimod Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
PM9106APA PM9106APE |
SINGLE PHASE WATT MEASUREMENT MODULE WITH A 5 DIGIT LED DISPLAY
|
SAMES[Sames]
|
PM9109BFA PM9109BFE |
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE MONOCHIP单相双向千瓦小时计量模块
|
Sames
|
FCAS50SN60 |
50A, Smart Power Module for Single-phase SR Motor Drive Smart Power Module for SRM
|
FAIRCHILD[Fairchild Semiconductor]
|
PM400DSA060 |
Intellimod Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
|
Powerex Power Semiconductors
|
ADM1176 ADM1176-1ARMZ-R7 ADM1176-2ARMZ-R7 ADM1176E |
Hot Swap Controller and I2C? Power Monitor with Convert Pin Hot Swap Controller and I2C㈢ Power Monitor with Convert Pin
|
Analog Devices
|